PART |
Description |
Maker |
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
LD1985-15-AF5-R LD1985-18-AF5-R LD1985-25-AF5-R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
BF763AMO |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
齐纳二极
|
BYT230PIV1200 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|模块
|
STMicroelectronics N.V.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
LD2985L-XX-AF5-R LD2985G-XX-AF5-R |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
|
Unisonic Technologies
|